Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7431S Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7431S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7431S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7431S Datasheet HTML 13Page - STMicroelectronics TDA7431S Datasheet HTML 14Page - STMicroelectronics TDA7431S Datasheet HTML 15Page - STMicroelectronics TDA7431S Datasheet HTML 16Page - STMicroelectronics TDA7431S Datasheet HTML 17Page - STMicroelectronics TDA7431S Datasheet HTML 18Page - STMicroelectronics TDA7431S Datasheet HTML 19Page - STMicroelectronics TDA7431S Datasheet HTML 20Page - STMicroelectronics TDA7431S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
TDA7430 - TDA7431
Figure 16. PIN: HP2
Figure 17. PIN: VAR-L, VAR-R,
Figure 18. PIN: L-IN, R-IN, L-IN2, R-IN2, L-IN3,
R-IN3, L-IN4, R-IN4,
Figure 19. PIN: LP1
Figure 20. PIN: CREF
Figure 21. PIN: SCL, SDA
5.5K
60K
GND
VS
HP1
D94AU199
20
µA
5.5K
20
µA
VS
30K
Vref
D95AU227
SW
GND
50K
GND
VS
VREF
D94AU200
20
µA
10K
VS
D94AU211
20
µA
HP1
GND
20K
VS
D95AU336
20
µA
20K
GND
42K
D94AU205
20
µA
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com