Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7431S Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7431S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7431S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7431S Datasheet HTML 14Page - STMicroelectronics TDA7431S Datasheet HTML 15Page - STMicroelectronics TDA7431S Datasheet HTML 16Page - STMicroelectronics TDA7431S Datasheet HTML 17Page - STMicroelectronics TDA7431S Datasheet HTML 18Page - STMicroelectronics TDA7431S Datasheet HTML 19Page - STMicroelectronics TDA7431S Datasheet HTML 20Page - STMicroelectronics TDA7431S Datasheet HTML 21Page - STMicroelectronics TDA7431S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TDA7430 - TDA7431
18/23
Figure 22. PIN: PS1, PS2, PS3, PS4, LP
Figure 23. PIN: ADDR
Figure 24. PIN: REARIN
Figure 25. PIN: MIX
Figure 26. PINS: REAEROUT, BASSO-L,
BASSO-R
Figure 27. BASS-LI, BASS-RI, MIDDLE-L,
MIDDLE-RII
VS
D95AU308
20
µA
GND
50K
VS
D95AU228A
20
µA
GND
GND
20
µA
VS
50K
Vref
D95AU229
SW
GND
20
µA
VS
100K
Vref
D94AU123
GND
VS
D95AU230
20
µA
GND
45K
or
25K
VS
D95AU231A
20
µA
BASS-RO,MIDDLE-LO,MIDDLE-RO
BASS-LO
GND
: Bass
: MIDDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com