Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC08 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCC08
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCC08 Datasheet HTML 3Page - STMicroelectronics STCC08 Datasheet HTML 4Page - STMicroelectronics STCC08 Datasheet HTML 5Page - STMicroelectronics STCC08 Datasheet HTML 6Page - STMicroelectronics STCC08 Datasheet HTML 7Page - STMicroelectronics STCC08 Datasheet HTML 8Page - STMicroelectronics STCC08 Datasheet HTML 9Page - STMicroelectronics STCC08 Datasheet HTML 10Page - STMicroelectronics STCC08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STCC08
Functional description
7/13
Figure 4.
Failure mode detection for inductive loads in DC control mode
The microcontroller can store the AC switch drive signal in a RAM register when it is driving
the STCC08 input. Therefore it can save gate energy while determining conduction state
from this RAM register and multiplexing this information with AVF signal.
AC LINE: High voltage between AC line and neutral
LOAD CURRENT: Current through the AC load
IN: MCU output driving the STCC08 IN input.
AVF: Alternating voltage feedback, output of the STCC08
SUGGESTED
READING TIME
AVF
NORMAL MODE
LOAD CURRENT
SHORT CIRCUIT
DIODE MODE
NORMAL MODE
SHORT CIRCUIT
DIODE MODE
AC LINE
SUGGESTED
READING TIME
AVF
NORMAL MODE
IN
LOAD CURRENT
SHORT CIRCUIT
DIODE MODE
NORMAL MODE
SHORT CIRCUIT
DIODE MODE
AC LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com