Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCC08
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08 Datasheet(HTML) 5 Page - STMicroelectronics

  STCC08 Datasheet HTML 1Page - STMicroelectronics STCC08 Datasheet HTML 2Page - STMicroelectronics STCC08 Datasheet HTML 3Page - STMicroelectronics STCC08 Datasheet HTML 4Page - STMicroelectronics STCC08 Datasheet HTML 5Page - STMicroelectronics STCC08 Datasheet HTML 6Page - STMicroelectronics STCC08 Datasheet HTML 7Page - STMicroelectronics STCC08 Datasheet HTML 8Page - STMicroelectronics STCC08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STCC08
Functional description
5/13
2
Functional description
STCC08 functional description
The STCC08 is a power circuit designed to drive up to 10 mA IGT AC switches and to detect
AC switch failure modes through MCU diagnostic.
It embeds a logic switch driver, an AC switch diode mode detection, a short circuit detection
and an AC switch open detection.
STCC08 can be powered by a 3.3 V or 5 V power supply voltage.
Switch driver
This driver is a logic level buffer (CMOS compatible) interfacing directly with the AC switch
and the microcontroller.
The AC switch must be driven in negative polarity: AC switch COM = A1 = VCC
The drive Boolean rule is:
Vin > Von: switch = ON
Vin < Von: switch = OFF
The AC switch can be driven in continuous, pulsed or angle phase modes.
In insulated applications, the input can be driven through an opto-coupler powered with a
non-insulated auxiliary power supply.
RIG pin allows the AC switch gate current to be set. A resistor must be connected between
this pin and the ground GND. This resistor is defined according to the miminmum ambient
temperature and the AC switch IGT (see Figure 3). This optimizes the consumption of the
application.
Figure 3.
Rig = f(Tamb_min) for 5/10 mA AC switches
0
10
20
30
40
50
60
70
80
90
100
110
120
130
-20
-15
-10
-5
0
5
10
15
20
25
30
RIG_Max(
Ω)
AC switch 10 mA @ 25 °C
AC switch 5 mA @ 25 °C
Tamb_min (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com