Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCF01
Description  Step-up converter for cell phone camera flash LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCF01_06 Datasheet HTML 2Page - STMicroelectronics STCF01_06 Datasheet HTML 3Page - STMicroelectronics STCF01_06 Datasheet HTML 4Page - STMicroelectronics STCF01_06 Datasheet HTML 5Page - STMicroelectronics STCF01_06 Datasheet HTML 6Page - STMicroelectronics STCF01_06 Datasheet HTML 7Page - STMicroelectronics STCF01_06 Datasheet HTML 8Page - STMicroelectronics STCF01_06 Datasheet HTML 9Page - STMicroelectronics STCF01_06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Maximum ratings
STCF01
6/16
4
Maximum ratings
Table 2.
Absolute maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional Operation under these conditions is not implied.
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
VI
DC Input Voltage to SGLGND
-0.3 to 6
V
VSW
Switch Voltage
-0.3 to 20
V
FB, SEL,
SHDN, LC, HC
Voltage Range
-0.3 to VI + 0.3
V
OVP
Over Voltage Protection
-0.3 to 20
V
ESD
Human Body Model
±2kV
PTOT
Continuous Power Dissipation (at TA = 70°C)
500
mW
TOP
Operating Junction Temperature Range
-40 to 85
°C
TJ
Junction Temperature
-40 to 125
°C
TSTG
Storage Temperature Range
-65 to 150
°C
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance Junction-Ambient
30.9
°C/W
RthJC
Thermal Resistance Junction-Case
2.96
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com