Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCF01
Description  Step-up converter for cell phone camera flash LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF01 Datasheet(HTML) 4 Page - STMicroelectronics

  STCF01_06 Datasheet HTML 1Page - STMicroelectronics STCF01_06 Datasheet HTML 2Page - STMicroelectronics STCF01_06 Datasheet HTML 3Page - STMicroelectronics STCF01_06 Datasheet HTML 4Page - STMicroelectronics STCF01_06 Datasheet HTML 5Page - STMicroelectronics STCF01_06 Datasheet HTML 6Page - STMicroelectronics STCF01_06 Datasheet HTML 7Page - STMicroelectronics STCF01_06 Datasheet HTML 8Page - STMicroelectronics STCF01_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
STCF01
4/16
2
Pin configuration
Table 1.
Pin description
Figure 2.
Pin connections (top view)
Pln N°
Symbol
Note
1PWRGND
This is the application power signal reference. Connect the input and output capacitors to
this pin.
2OVP
This pin senses step-up output voltage, which provides overvoltage protection in the event
that the output voltage exceeds the OVP threshold
3
VI
This pin supplies the input voltage for the step-up stage as well as the supply voltage for the
overall device.
4HC
This pin sets the high level current for the white LEDs with a resistor that is connected
between this pin and VI.
5LC
This pin sets the low level current for the white LEDs with a resistor that is connected
between this pin and VI.
6
SGLGND
This pin is the logic signal reference for the IC.
7FB
This pin senses the current flowing through the white LEDs and uses this feedback to
provide current regulation.
8
SEL
This pin is used to select the signal level of the white LEDs; a low level signal sets the low
level LED current, while the high level signal sets the high level LED current.
9SHDN
This pin enables or disables the Shutdown mode. A high level signal enables device
Shutdown mode, where most of the device internal logic is turned OFF. If this pin is held to
GND, the output current flows through the LEDs continuously (Torch mode).
10
SW
This is the switch node pin, which is connected to the internal N-channel MOSFET drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com