Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03I Datasheet(PDF) 23 Page - STMicroelectronics

Part # STCF03I
Description  High power white LED driver with I2CTM interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 19Page - STMicroelectronics STCF03I Datasheet HTML 20Page - STMicroelectronics STCF03I Datasheet HTML 21Page - STMicroelectronics STCF03I Datasheet HTML 22Page - STMicroelectronics STCF03I Datasheet HTML 23Page - STMicroelectronics STCF03I Datasheet HTML 24Page - STMicroelectronics STCF03I Datasheet HTML 25Page - STMicroelectronics STCF03I Datasheet HTML 26Page - STMicroelectronics STCF03I Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Description of internal registers
STCF03I
23/33
8.10
F_RUN
This bit is kept HIGH by the STCF03I during Flash mode. By checking this bit, the µP can
verify if the Flash mode is running or has been terminated by the Time Counter.
8.11
LED_F
This bit is set by the STCF03I when the voltage seen on the LED pin is VREF2 > 5.3 V during
a Torch or Flash operation. This condition can be caused by an open LED, indicating a LED
failure. The device automatically goes into Ready mode to avoid damage. Internal high
frequency filtering avoids false detections. This bit is reset by the STCF03I following a read
operation of the STAT_REG.
8.12
NTC_W
This bit is set HIGH by the STCF03I and the ATN pin is pulled down, when the voltage seen
on the pin Rx exceeds VREF4 = 0.56 V. This threshold corresponds to a warning temperature
value at the LED measured by the NTC. The device is still operating, but a warning is sent to
the µP. This bit is reset by the STCF03I following a read operation of the STAT_REG.
8.13
NTC_H
This bit is set HIGH by the STCF03I and the ATN pin is pulled down, when the voltage seen
on the pin Rx exceeds VREF5. This threshold (1.2 V) corresponds to an excess temperature
value at the LED measured by the NTC. The device is put in Ready mode to avoid damaging
the LED. This bit is reset by the STCF03I following a read operation of the STAT_REG.
8.14
OT_F
This bit is set HIGH by the STCF03I and the ATN pin is pulled down, when the chip over-
temperature protection (~140°C) has put the device in Ready mode. This bit is reset by the
STCF03I following a read operation of the STAT_REG.
Table 15. Status register
STAT_REG
(read mode)
MSB
LSB
SUB ADD=03
N/A
F_RUN
LED_F
NTC_W
NTC_H
OT_F
N/A
VOUTOK_N
Power ON,
SHUTDOWN MODE
RESET Value
00
00
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com