Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF03I Datasheet(PDF) 28 Page - STMicroelectronics

Part # STCF03I
Description  High power white LED driver with I2CTM interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03I Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STCF03I Datasheet HTML 24Page - STMicroelectronics STCF03I Datasheet HTML 25Page - STMicroelectronics STCF03I Datasheet HTML 26Page - STMicroelectronics STCF03I Datasheet HTML 27Page - STMicroelectronics STCF03I Datasheet HTML 28Page - STMicroelectronics STCF03I Datasheet HTML 29Page - STMicroelectronics STCF03I Datasheet HTML 30Page - STMicroelectronics STCF03I Datasheet HTML 31Page - STMicroelectronics STCF03I Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Typical performance characteristics
STCF03I
28/33
Figure 20.
Efficiency
Figure 21.
Start-Up in Flash Mode 800 mA at
VI = 3.6 V
Figure 22.
Line transient in Flash Mode 800
mA, change of VI from 2.7 V to 3.3V
in 10 µs
50
55
60
65
70
75
80
85
90
95
2.5
3
3.5
4
4.5
5
5.5
V
I [V]
Flash 800mA
Torch 55mA
50
55
60
65
70
75
80
85
90
95
2.5
3
3.5
4
4.5
5
5.5
V
I [V]
Flash 800mA
Torch 55mA
TRIG
Io
I_IN
Io
I_IN
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com