Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCN75 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STCN75
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STCN75 Datasheet HTML 25Page - STMicroelectronics STCN75 Datasheet HTML 26Page - STMicroelectronics STCN75 Datasheet HTML 27Page - STMicroelectronics STCN75 Datasheet HTML 28Page - STMicroelectronics STCN75 Datasheet HTML 29Page - STMicroelectronics STCN75 Datasheet HTML 30Page - STMicroelectronics STCN75 Datasheet HTML 31Page - STMicroelectronics STCN75 Datasheet HTML 32Page - STMicroelectronics STCN75 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
STCN75
DC and AC parameters
29/35
Figure 15.
Bus timing requirements sequence
Table 13.
AC characteristics
Sym
Parameter(1)
1.
Valid for ambient operating temperature: TA = –55 to 125°C; VDD = 2.7 V to 5.5 V (except where noted).
Min
Max
Unit
fSCL
SCL clock frequency
0
400
kHz
tBUF
Time the bus must be free before a new transmission can start
1.3
µs
tF
SDA and SCL fall time
300
ns
tHD:DAT
(2)
2.
T
ransmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling
edge of SCL
Data hold time
0
µs
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
600
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tR
SDA and SCL rise time
300
ns
tSU:DAT
Data setup time
100
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
ns
tSU:STO
STOP condition setup time
600
ns
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com