Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCN75 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STCN75
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STCN75 Datasheet HTML 27Page - STMicroelectronics STCN75 Datasheet HTML 28Page - STMicroelectronics STCN75 Datasheet HTML 29Page - STMicroelectronics STCN75 Datasheet HTML 30Page - STMicroelectronics STCN75 Datasheet HTML 31Page - STMicroelectronics STCN75 Datasheet HTML 32Page - STMicroelectronics STCN75 Datasheet HTML 33Page - STMicroelectronics STCN75 Datasheet HTML 34Page - STMicroelectronics STCN75 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Package mechanical data
STCN75
32/35
Figure 17.
MSOP8 (TSSOP8) – 8-lead, thin shrink small package (3x3) outline
1.
Drawing is not to scale.
Table 15.
MSOP8 (TSSOP8) – 8-lead, thin shrink small package (3x3) mech. data
Sym
mm
inches
Typ
Min
Max
Typ
Min
Max
A1.10
0.043
A1
0.00
0.15
0.000
0.006
A2
0.85
0.75
0.95
0.034
0.030
0.037
b
0.22
0.40
0.009
0.016
c
0.08
0.23
0.003
0.009
D
3.00
2.80
3.20
0.118
0.110
0.126
E
4.90
4.65
5.15
0.193
0.183
0.203
E1
3.00
2.80
3.10
0.118
0.110
0.122
e0.65
0.026
L
0.60
0.40
0.80
0.024
0.016
0.032
L1
0.95
0.037
L2
0.25
0.010
k
0°8°
0°8°
ccc
0.10
0.004
E3_ME
1
8
ccc
c
L
E
E1
D
A2
A
k
e
b
4
5
A1
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com