Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS05 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCS05
Description  0.5 A max constant current LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS05 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCS05 Datasheet HTML 5Page - STMicroelectronics STCS05 Datasheet HTML 6Page - STMicroelectronics STCS05 Datasheet HTML 7Page - STMicroelectronics STCS05 Datasheet HTML 8Page - STMicroelectronics STCS05 Datasheet HTML 9Page - STMicroelectronics STCS05 Datasheet HTML 10Page - STMicroelectronics STCS05 Datasheet HTML 11Page - STMicroelectronics STCS05 Datasheet HTML 12Page - STMicroelectronics STCS05 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STCS05
Detail description
9/16
6
Detail description
The STCS05 is a BiCMOS constant current source designed to provide a precise constant
current starting from a varying input voltage source. The main target is to replace discrete
components solution for driving LEDs in low voltage applications such as 5 V, 12 V or 24 V
giving benefits in terms of precision, integration and reliability.
6.1
Current setting
The current is set with an external sensing resistor connected to the FB pin. The feedback
voltage is 100 mV, then a low resistor value can be chosen reducing power dissipation. A
value between 1 mA and 500 mA can be set according to the resistor value, the resulting
output current has a tolerance of ± 10 %.
For instance, should one need a 350 mA LEDs current, RF should be selected according to
the following equation:
RF = VFB / ILEDs = 100 mV / 350 mA = 284 mΩ
6.2
Enable
When the enable pin is low the device completely off thus reducing current consumption to
less than 1 µA. When in shutdown mode, the internal main switch is off.
6.3
PWM dimming
The PWM input allows implementing PWM dimming on the LED current; when the PWM
input is high the main switch will be on and vice versa. A typical frequency range for the
input is from few Hertz to 50 kHz. The maximum dimming frequency is limited by the
minimum rise/fall time of the current which is around 4 µs each. Above 50 kHz the current
waveforms starts assuming a triangular shape.
While the PWM input is switching, the overall circuitry remains on, this is needed in order to
implement a short delay time TD (see Figure 3)
Since the PWM pin is controlling just the main switch, the overall circuitry is always on and it
is able to control the delay time between the PWM input signal and the output current in the
range of few µs, this is important to implement synchronization among several light LED
sources.
6.4
Diagnostic
When STCS05 is in on mode (EN is high), the device is able to detect disconnection or fail
of the LED string monitoring VDRAIN pin. If VDRAIN is lower than 75 mV the DISC pin is
pulled low regardless the PWM pin status. This information can be used by the system to
inform that some problem happens in the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com