Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS05 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCS05
Description  0.5 A max constant current LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS05 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCS05 Datasheet HTML 7Page - STMicroelectronics STCS05 Datasheet HTML 8Page - STMicroelectronics STCS05 Datasheet HTML 9Page - STMicroelectronics STCS05 Datasheet HTML 10Page - STMicroelectronics STCS05 Datasheet HTML 11Page - STMicroelectronics STCS05 Datasheet HTML 12Page - STMicroelectronics STCS05 Datasheet HTML 13Page - STMicroelectronics STCS05 Datasheet HTML 14Page - STMicroelectronics STCS05 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STCS05
Application information
11/16
In this case VDRAIN = 12 - 3 x 3.6 = 1.2 V
PD = (1.2 - 0.1) x 0.35 + 12 x 0.5 x 10
-3 = 0.385 + 6 x 10-3 = 391 mW
The junction temperature will be:
TJ = 100 x 0.391 + 50 = 89 °C.
The following pictures show the maximum power dissipation according to the ambient
temperature:
Figure 12.
Maximum power dissipation vs TA for SO-8
0.20
0.40
0.60
0.80
1.00
1.20
1.40
25
35
45
55
65
75
85
95
105
115
125
[°C]
R
thJA = 100 [°C/W]
P
DMAX = (TJMAX-TA)/RthJA
0.20
0.40
0.60
0.80
1.00
1.20
1.40
25
35
45
55
65
75
85
95
105
115
125
[°C]
R
thJA = 100 [°C/W]
P
DMAX = (TJMAX-TA)/RthJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com