Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS2ASPR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCS2ASPR
Description  2 A max constant current LED driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS2ASPR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCS2ASPR Datasheet HTML 9Page - STMicroelectronics STCS2ASPR Datasheet HTML 10Page - STMicroelectronics STCS2ASPR Datasheet HTML 11Page - STMicroelectronics STCS2ASPR Datasheet HTML 12Page - STMicroelectronics STCS2ASPR Datasheet HTML 13Page - STMicroelectronics STCS2ASPR Datasheet HTML 14Page - STMicroelectronics STCS2ASPR Datasheet HTML 15Page - STMicroelectronics STCS2ASPR Datasheet HTML 16Page - STMicroelectronics STCS2ASPR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STCS2A
Application information
13/18
PD = (VDRAIN - VFB) x ILED + (VCC x ICC)
basing on this and on the thermal resistance and ambient temperature, the junction
temperature can be calculated as:
TJ = RthJA x PD + TA
A typical application could be:
– Input voltage: 12 V;
– 3 white LEDs with an typical VF = 3.6 V;
– LEDs current: 1000 mA;
– Package: PowerSO-10;
–TA = 50 °C;
In this case the drain voltage is given by:
VDRAIN = 12 - 3 x 3.6 = 1.2 V
end the power dissipated in the IC is the following:
PD = (1.2 - 0.1) x 1 + 12 x 0.5 x 10
-3 = 1.1 W
With a thermal resistance junction-ambient equal to 12 °C/W the junction temperature is:
TJ = 12 x 1.1 + 50 = 63 °C.
The following pictures show the maximum power dissipation according to the ambient
temperature:
Figure 16.
Maximum power dissipation vs TA for PowerSO-10
0.00
2.00
4.00
6.00
8.00
10.00
12.00
25
35
45
55
65
75
85
95 105 115 125
[°C]
12
35
R
thJA [°C/W]
P
DMAX = (TJMAX-TA)/RthJA
0.00
2.00
4.00
6.00
8.00
10.00
12.00
25
35
45
55
65
75
85
95 105 115 125
[°C]
12
35
R
thJA [°C/W]
P
DMAX = (TJMAX-TA)/RthJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com