Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS2ASPR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCS2ASPR
Description  2 A max constant current LED driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS2ASPR Datasheet(HTML) 4 Page - STMicroelectronics

  STCS2ASPR Datasheet HTML 1Page - STMicroelectronics STCS2ASPR Datasheet HTML 2Page - STMicroelectronics STCS2ASPR Datasheet HTML 3Page - STMicroelectronics STCS2ASPR Datasheet HTML 4Page - STMicroelectronics STCS2ASPR Datasheet HTML 5Page - STMicroelectronics STCS2ASPR Datasheet HTML 6Page - STMicroelectronics STCS2ASPR Datasheet HTML 7Page - STMicroelectronics STCS2ASPR Datasheet HTML 8Page - STMicroelectronics STCS2ASPR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
STCS2A
4/18
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Note
1VCC
Supply voltage
2
PWM
PWM dimming input
3EN
Shutdown
4
NC
No connect
5
DRAIN
Internal N-MOSFET drain
6
SOURCE
Internal N-MOSFET source. Reference voltage is 100 mV. An external resistor between
SOURCE and GND pins sets different current levels for different application needs
7FB
Feedback input. The control loop regulates the current in such a way that the average
voltage at the FB input is 100 mV (nominal). The cathode of the LED and a resistor to
ground to set the LED current should be connected at this point
8
GND
Ground
9
SLOPE
Capacitor for slope control
10
DISC
Load disconnection flag (open drain)
exp-pad
Internally connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com