Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDS75DS2F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STDS75DS2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDS75DS2F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STDS75DS2F Datasheet HTML 13Page - STMicroelectronics STDS75DS2F Datasheet HTML 14Page - STMicroelectronics STDS75DS2F Datasheet HTML 15Page - STMicroelectronics STDS75DS2F Datasheet HTML 16Page - STMicroelectronics STDS75DS2F Datasheet HTML 17Page - STMicroelectronics STDS75DS2F Datasheet HTML 18Page - STMicroelectronics STDS75DS2F Datasheet HTML 19Page - STMicroelectronics STDS75DS2F Datasheet HTML 20Page - STMicroelectronics STDS75DS2F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
STDS75
Functional description
17/37
3.1.2
Configuration register
The configuration register is used to store the device settings such as device operation
mode, OS/INT operation mode, OS/INT polarity, and OS/INT fault queue.
The configuration register allows the user to program various options such as conversion
resolution (see Table 7), thermostat fault tolerance, thermostat polarity, thermostat operating
mode, and shutdown mode. The user has READ/WRITE access to all of the bits in the
configuration register except the MSB (bit7), which is reserved as a “Read only” bit (see
Table 6). The entire register is volatile and thus powers-up in its default state only.
Table 6.
Configuration register format
Byte
MSB
LSB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
STDS75
Reserved
RC1
RC0
FT1
FT0
POL
M
SD
Default
00000000
Keys:
SD = shutdown control bit
FT1 = fault Tolerance1 bit
M = thermostat mode(1)
1.
Indicates operation mode; 0 = comparator mode, and 1 = interrupt mode (see Comparator mode on
page 12 and Interrupt mode on page 13).
RC0 = resolution Conversion0 bit
POL = output polarity(2)
2.
The OS/INT is active-low ('0').
RC1 = resolution Conversion1 bit
FT0 = fault Tolerance0 bit
Bit7 = must be set to '0.' Reserved
Table 7.
Programmable resolution configurations
RC1
RC0
Resolution
Conversion time
Remarks
0
0
9-bit
0.5°C
150 ms
Default resolution
0
1
10-bit
0.25°C
300 ms
1
0
11-bit
0.125°C
600 ms
1
1
12-bit
0.0625°C
1200 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com