Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDS75DS2F Datasheet(PDF) 30 Page - STMicroelectronics

Part # STDS75DS2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDS75DS2F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STDS75DS2F Datasheet HTML 26Page - STMicroelectronics STDS75DS2F Datasheet HTML 27Page - STMicroelectronics STDS75DS2F Datasheet HTML 28Page - STMicroelectronics STDS75DS2F Datasheet HTML 29Page - STMicroelectronics STDS75DS2F Datasheet HTML 30Page - STMicroelectronics STDS75DS2F Datasheet HTML 31Page - STMicroelectronics STDS75DS2F Datasheet HTML 32Page - STMicroelectronics STDS75DS2F Datasheet HTML 33Page - STMicroelectronics STDS75DS2F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
DC and AC parameters
STDS75
30/37
Table 13.
DC and AC characteristics
Sym
Description
Test Condition(1)
1.
Valid for ambient operating temperature: TA = –55 to 125°C; VDD = 2.7 V to 5.5 V (except where noted).
Min
Typ(2)
2.
Typical number taken at
VDD= 3 V, TA=25°
Max
Unit
VDD Supply voltage
TA = –55 to +125°C
2.7
5.5
V
IDD
VDD supply current, active
temperature conversions
VDD = 3.3 V
125
150
µA
VDD supply current,
communication only
TA = 25°C
70
100
µA
IDD1
Standby supply current,
serial port inactive
TA =25°C
1.0
µA
Accuracy for
corresponding range 2.7 V
≤ VDD ≤ 5.5 V
–25°C < TA < 100
±2.0
°C
–55°C < TA < 125
±3.0
°C
Resolution
12-bit temperature
data
0.0625
°C
912
bits
tCON
V
Conversion time
9
150
ms
10
300
ms
11
600
ms
12
1200
ms
TOS
Over-temperature
shutdown
Default value
80
°C
THYS Hysteresis
Default value
75
°C
VOL1
OS/INT saturation voltage
(VDD = 5V)
4 mA sink current
0.5
V
VIH
Input logic high
Digital pins (SCL,
SDA, A2-A0)
0.5 x VDD
VDD + 0.5
V
VIL
Input logic low
Digital pins
-0.45
0.3 x VDD
V
VOL2 Output logic (SDA)
IOL2 = 3 mA
0.4
V
CIN
Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com