Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESB01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STESB01
Description  ESBT Base Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STESB01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STESB01 Datasheet HTML 2Page - STMicroelectronics STESB01 Datasheet HTML 3Page - STMicroelectronics STESB01 Datasheet HTML 4Page - STMicroelectronics STESB01 Datasheet HTML 5Page - STMicroelectronics STESB01 Datasheet HTML 6Page - STMicroelectronics STESB01 Datasheet HTML 7Page - STMicroelectronics STESB01 Datasheet HTML 8Page - STMicroelectronics STESB01 Datasheet HTML 9Page - STMicroelectronics STESB01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STESB01
6/14
4
Electrical characteristics
Table 4.
Electrical characteristics
(VCC = 20V, CI = 3.3µF, TJ= -40°C to 125°C unless otherwise specified.)
1 To the PWM pin must be applied a 5V to 0V falling edge while the voltage level on the VCOLL pin
must be 0V. After 300 ns, to the VCOLL pin must be applied a 0V to 5V rising edge. The
maximum frequency of signals applied to PWM and VCOLL pins must be 300 kHz.
2 To the PWM pin must be applied a 5V to 0V falling edge while the voltage level on the VCOLL pin
must be 0V. After 200 ns, to the VCOLL pin must be applied a 0V to 5V raising edge. The
maximum frequency of signals applied to PWM and VCOLL pins must be 300 kHz.
3 Guaranteed by Design.
4 In parallel to the resistor a low-leakage/low-ESR capacitor could be necessary for bypassing
purpose.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply Input and Under Voltage Lock Out
VCC
Turn On Threshold
VCC rising
7.5
8
V
Turn Off Threshold after Turn On VCC falling
6.5
7
ICC
Supply Current
PWM=VCOLL=0V
2
mA
See
Note 1
2
Driver Output (TJ = 27°C)
VOL
Low Level Voltage
IDRIVE =10mA
50
mV
IDRIVE(OL) Drive Current in open loop
VDRIVE = 1.25V, RSTGadj=150 kΩ
See
Note 2, Note 4
0.25
A
Storage Control
VPWML
PWM Low Level Threshold
See
Note 3
1.5
V
VPWMH
PWM High Level Threshold
See
Note 3
3.5
V
IPWM
PWM input bias current
PWM = 0V to 15V
-0.1
0.1
µA
VCOLL(L) Collector Low Level Threshold
See
Note 3
0.8
V
VCOLL(H) Collector High Level Threshold
See
Note 3
2.5
V
ICOLL
VCOLL input bias current
VCOLL = 0V to 5V
-0.1
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com