Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESB01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STESB01
Description  ESBT Base Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STESB01 Datasheet(HTML) 1 Page - STMicroelectronics

  STESB01 Datasheet HTML 1Page - STMicroelectronics STESB01 Datasheet HTML 2Page - STMicroelectronics STESB01 Datasheet HTML 3Page - STMicroelectronics STESB01 Datasheet HTML 4Page - STMicroelectronics STESB01 Datasheet HTML 5Page - STMicroelectronics STESB01 Datasheet HTML 6Page - STMicroelectronics STESB01 Datasheet HTML 7Page - STMicroelectronics STESB01 Datasheet HTML 8Page - STMicroelectronics STESB01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2006
Rev. 3
1/14
14
STESB01
ESBT Base Driver
Feature summary
■ Controls ESBT base current in every line/load
condition
■ Supply voltage range: 8V to 20 V
■ Storage time controlled by closed loop
architecture (from 150ns to 1.5µs)
■ Under voltage lockout with hysteresis
Description
The STESB01 is a dedicated base current biasing
transistor for the Emitter-Switched Bipolar
Transistor (ESBT) family of power switches. The
device is able to control the ESBT storage time
(from 150ns to 1.5ìs) using closed loop
architecture. This guarantees proper operation of
the ESBT in every line and load condition,
avoiding oversaturation of the device and, at the
same time, ensuring the correct base current
when a higher load is required. The storage time
can be adjusted with an external resistor, which
allows maximum flexibility in different applications.
The optimization of the base current value also
reduces the base current losses to minimum level.
SOT23-6L
SO-8
www.st.com
Order code
Part number
Package
Packaging
STESB01STR
SOT23-6L
3000 Parts per Reel
STESB01DR
SO-8
2500 Parts per Reel


Similar Part No. - STESB01

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD03-C SECOS-STESD03-C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03 SECOS-STESD03_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
More results

Similar Description - STESB01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD250-1 ETC1-SD250-1 Datasheet
144Kb / 2P
Base/Gate Driver Transformers
logo
STMicroelectronics
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
21-Nov-2006
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
29-Nov-2006
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
12-Jan-2007
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-Nov-2006
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-May-2007
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
22-Nov-2007
logo
Rhombus Industries Inc.
T-1055 RHOMBUS-IND-T-1055 Datasheet
38Kb / 1P
BASE/GATE DRIVER TRANSFORMER
8/31/96
logo
Coilcraft lnc.
SD250-1L COILCRAFT-SD250-1L Datasheet
78Kb / 1P
Base/Gate Driver Transformers
SD250-1L COILCRAFT-SD250-1L_15 Datasheet
450Kb / 2P
Base/Gate Driver Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com