Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 13Page - STMicroelectronics TDA7461N Datasheet HTML 14Page - STMicroelectronics TDA7461N Datasheet HTML 15Page - STMicroelectronics TDA7461N Datasheet HTML 16Page - STMicroelectronics TDA7461N Datasheet HTML 17Page - STMicroelectronics TDA7461N Datasheet HTML 18Page - STMicroelectronics TDA7461N Datasheet HTML 19Page - STMicroelectronics TDA7461N Datasheet HTML 20Page - STMicroelectronics TDA7461N Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DESCRIPTION OF STEREODECODER
The stereodecoder part of the TDA7461N (see
Fig. 17) contains all functions necessary to de-
modulate the MPX signal like pilot tone depend-
ent
MONO/STEREO
switching
as
well
as
"stereoblend" and "highcut" functions.
Adaptations like programmable input gain, roll-off
compensation, selectable deemphasis time con-
stant and a programmable fieldstrength input al-
low to use different IF devices.
Stereodecoder Mute
The TDA7461N has a fast and easy to control
RDS mute function which is a combination of the
audioprocessor softmute and the high-ohmic
mute of the stereodecoder. If the stereodecoder
is selected and a softmute command is sent (or
activated through the SM pin) the stereodecoder
will be set automatically to the high-ohmic mute
condition after the audio signal has been soft-
muted.
Hence a checking of alternate frequencies could
be performed. To release the system from the
mute condition simply the unmute command must
be sent: the stereodecoder is unmuted immedi-
ately and the audioprocessor is softly unmuted.
Fig. 18 shows the output signal VO as well as the
internal stereodecoder mute signal. This influ-
ence of Softmute on the stereodecoder mute can
be switched off by setting bit 3 of the Softmute
byte to "0". A stereodecoder mute command (bit
0, stereodecoder byte set to "1") will set the
stereodecoder in any case independently to the
high-ohmic mute state.
If any other source than the stereodecoder is se-
lected the decoder remains muted and the MPX
pin is connected to Vref to avoid any discharge of
the coupling capacitor through leakage currents.
Input Stages
The Ingain stage allows to adjust the MPX signal
to a magnitude of about 1Vrms internally which is
the recommended value. The 4.th order input fil-
ter has a corner frequency of 80kHz and is used
to attenuate spikes and noise and acts as an anti-
aliasing filter for the following switch capacitor fil-
ters.
Demodulator
In the demodulator block the left and the right
channel are separated from the MPX signal. In
this stage also the 19 kHz pilot tone is cancelled.
For reaching a high channel separation the
TDA7461N offers an I2C bus programmable roll-
off adjustment which is able to compensate the
lowpass behaviour of the tuner section. If the
tuner attenuation at 38kHz is in a range from
20.2% to 31% the TDA7461N needs no external
network before the MPX pin. Within this range an
adjustment to obtain at least 40dB channel sepa-
ration is possible.
The bits for this adjustment are located together
with the fieldstrength adjustment in one byte. This
gives the possibility to perform an optimization
step during the production of the carradio where
the channel separation and the fieldstrength con-
trol are trimmed.
Deemphasis and Highcut.
The lowpass filter for the deemphasis allows to
choose between a time constant of 50
µs and
75
µs (bit D7, Stereodecoder byte).
The highcut control range will be in both cases
tHC = 2
⋅ tDeemp. Inside the highcut control range
(between VHCH and VHCL) the LEVEL signal
is converted into a 5 bit word which controls the
lowpass time constant between tDeemp...3
⋅ tDeemp.
There by the resolution will remain always 5 bits
independently of the absolute voltage range be-
tween the VHCH and VHCL values.
The highcut function can be switched off by I2C
bus (bit D7, Fieldstrength byte set to "0").
PLL and Pilot Tone Detector
The PLL has the task to lock on the 19kHz pilo-
tone during a stereo transmission to allow a cor-
rect demodulation. The included detector enables
the demodulation if the pilot tone reaches the se-
lected pilottone threshold VPTHST. Two different
thresholds are available. The detector output (sig-
nal STEREO, see block diagram) can be checked
SOFTMUTE
COMMAND
STD MUTE
VO
t
D97AU638
t
t
Figure 18. Signals during stereodecoder’s
softmute
TDA7461N
17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com