Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7461N Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7461N Datasheet HTML 17Page - STMicroelectronics TDA7461N Datasheet HTML 18Page - STMicroelectronics TDA7461N Datasheet HTML 19Page - STMicroelectronics TDA7461N Datasheet HTML 20Page - STMicroelectronics TDA7461N Datasheet HTML 21Page - STMicroelectronics TDA7461N Datasheet HTML 22Page - STMicroelectronics TDA7461N Datasheet HTML 23Page - STMicroelectronics TDA7461N Datasheet HTML 24Page - STMicroelectronics TDA7461N Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
=
+VCC
9V
100nF
CASS R
CASS L
100nF
100nF
CDR
CDG
100nF
22
µF
CDL
100nF
PHONE_GND
220nF
CASS R
CASS L
CDR
CDG
CDL
PHGND
PHONE
220nF
PHONE
OUTRR
MPX
220nF
OUTRR
MPX
AM
220nF
AM
OUTLR
OUTLR
OUTRF
OUTRF
OUTLF
OUTLF
CREF
10
µF
D97AU763A
LEVEL
SMUTE
SCL
SDA
LEVEL
SMUTE
SCL
SDA
GND
VS
UNWEIGHTED
LEVEL
220nF
MPIN
MPOUT
MUXR
MUXL
SOUND
EFFECTS
ACOUTL
ACOUTR
ACINL
ACINR
Note: Bit D7 of "Bass and Treble Filter characteristics" set to 1
TDA7461
Figure 24. Application Example 1
=
+VCC
9V
100nF
CASS R
CASS L
100nF
100nF
CDR
CDG
100nF
22
µF
CDL
100nF
PHONE_GND
220nF
CASS R
CASS L
CDR
CDG
CDL
PHGND
PHONE
220nF
PHONE
OUTRR
MPX
220nF
OUTRR
MPX
AM
220nF
AM
OUTLR
OUTLR
OUTRF
OUTRF
OUTLF
OUTLF
CREF
10
µF
D97AU764
LEVEL
SMUTE
SCL
SDA
LEVEL
SMUTE
SCL
SDA
GND
VS
UNWEIGHTED
LEVEL
220nF
MPIN
MPOUT
MUXR
MUXL
ACOUTL
ACOUTR
PRE-SPEAKER
OUTPUT
ADDITIONAL
INPUT
100nF
100nF
ACINL
ACINR
Note: Bit D7 of "Bass and Treble Filter characteristics" set to 0
TDA7461
Figure 25. Application Example 2
TDA7461N
21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com