Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7482 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7482
Description  25W MONO CLASS-D AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7482 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7482 Datasheet HTML 1Page - STMicroelectronics TDA7482 Datasheet HTML 2Page - STMicroelectronics TDA7482 Datasheet HTML 3Page - STMicroelectronics TDA7482 Datasheet HTML 4Page - STMicroelectronics TDA7482 Datasheet HTML 5Page - STMicroelectronics TDA7482 Datasheet HTML 6Page - STMicroelectronics TDA7482 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDA7482
2/7
Table 2. Pin Description
Table 3. Absolute Maximum Ratings
Figure 3.
Table 4. Thermal Data
N°
Pin
Function
1
OUT
PWM OUTPUT
2
BOOTDIODE
BOOTSTRAP DIODE ANODE
3BOOT
BOOTSTRAP
4NC
NOT CONNECTED
5
FEEDCAP
FEEDBACK INTEGRATING CAPACITOR
6
FREQ
SETTING FREQUENCY RESISTOR
7
SGN-GND
SIGNAL GROUND
8–VCC SIGN
SIGNAL NEGATIVE SUPPLY
9
IN
INPUT
10
ST-BY/MUTE
CONTROL STATE PIN
11
+VCC SIGN
POSITIVE SIGNAL SUPPLY
12
VREG
INTERNAL VOLTAGE REGULATOR
13
+VCC POW
POSITIVE POWER SUPPLY
14
-VCC POW
NEGATIVE POWER SUPPLY (to be connected to pin 13 via C5)
15
-VCC POW
NEGATIVE POWER SUPPLY (to be connected to pin 13 via C5)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
±28
V
Ptot
Power Dissipation Tcase = 70°C
35
W
Tstg, Tj
Storage and Junction Temperature –40 to 150
°C
VFREQ
Maximum Voltage Across RF (pin6)
8
V
Top
Operating Temperature Range
0 to 70
°C
ESD
Max ESD on Pins
±1.2
KV
Symbol
Parameter
Value
Unit
Tth j-case
Thermal Resistance Junction-case
1.8 to 2.5
°C/W
1
2
3
4
5
6
7
9
10
11
8
+VCC SIGN
ST-BY/MUTE
IN
-VCC SIGN
SGN-GND
FREQ
FEEDCAP
N.C.
BOOT
BOOTDIODE
OUT
TAB CONNECTED TO PIN 8
13
14
15
12
-VCC POW
-VCC POW
+VCC POW
VREG
D96AU539A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com