Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7482 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7482
Description  25W MONO CLASS-D AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7482 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7482 Datasheet HTML 1Page - STMicroelectronics TDA7482 Datasheet HTML 2Page - STMicroelectronics TDA7482 Datasheet HTML 3Page - STMicroelectronics TDA7482 Datasheet HTML 4Page - STMicroelectronics TDA7482 Datasheet HTML 5Page - STMicroelectronics TDA7482 Datasheet HTML 6Page - STMicroelectronics TDA7482 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
TDA7482
Table 5. Electrical Characteristcs (Refer to the test circuit, VCC = ±21V; RL = 8Ω; RS = 50Ω;
RF = 12KΩ; Demod.. filter L = 60µH, C = 470nF; f = 1KHz; Tamb = 25°‘C unless otherwise specified.)
*:
The output LC filtermust be changed to: L = 30
µH; C = 1µF
**:
PO = measured across the load using the following inductor: COIL 58120 MPPA2 (magnetics) TURNS: 28 φ 1mm
***:
The zero-signal switching frequency can be obtained using the following expression: FSW= BF/RF
****:
The maximum value of RF is related to the maximum possible value for the voltage drop on RF itself
(1)
For V10 >5.2V, an input impedance of 10K
Ω is to be considered
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
±10
±25
V
Iq
Total Quiescent Current
RL =
∞, No LC Filter
40
60
mA
VOS
Output Offset Voltage
Play Condition
–70
-30
10
mV
PO
Output Power
THD = 10%
THD = 1%
20
14
25
18
W
W
PO
Output Power
RL = 4Ω ; VCC = ±16V;
THD = 10%
THD = 1% (*)
25
18
W
W
PD
Maximum Dissipated Power
VCC =±21V; RL = 8Ω;
PO = 25W THD 10%
3.8
W
η
Efficiency
≡
(∗∗)
VCC = ±21V; RL = 8Ω;
PO = 18W THD 10%
87
%
ηmax
Top Efficiency maximum
VCC = ±25V; RL = 8Ω;
PO = 43W THD 20%
88.5
%
THD
Total Harmonic Distortion
RL = 8Ω; PO = 1W
0.1
%
Imax
Overcurrent Protection Threshold
RL = 0
3.5
5
A
Tj
Thermal Shut-down Junction
Temperature
150
°C
GV
Closed Loop Gain
29
30
31
dB
eN
Total Input Noise
A Curve
f = 20Hz to 22KHz
7
12
µV
µV
VCCTOT MAX Maximum Total VCC Protection
50
V
Ri
Input Resistance
20
30
k
Ω
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 0.5
46
60
dB
Tr, Tf
Rising and Falling Time
50
ns
RDSON
Power Transistor on Resistance
0.4
Ω
FSW-OP
Switching Frequency Operative
Range
100
200
KHz
FSW
Switching Frequency
100
120
140
KHz
BF
Zero Signal Frequency
Constant (***)
1.4x109
Hz
Ω
RF
Frequency Controller Resistor
Range (****)
712
14
K
Ω
MUTE & STAND-BY FUNCTIONS
VST-BY
Stand-by range
0.8
V
VMUTE
Mute Range
1.8
2.5
V
VPLAY
Play Range (1)
4
V
AMUTE
Mute Attenuation
60
80
dB
IqST-BY
Quiescent Current @ Stand-by
3
5
mA
P
o
P
O
P
D
+
---------------------
P
o
P
I
------
≡



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com