Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495SA Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7495SA_07 Datasheet HTML 7Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 8Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 9Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 10Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 11Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 12Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 13Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 14Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TDA7495SA
Thermal considerations
11/15
4
Thermal considerations
In order to avoid the intervention of the thermal protection, it is important to choose an
adequate heatsink.
The parameters that influence the heatsink size are:
"
maximum dissipated power for the device (Pdmax)
"
maximum thermal resistance junction to case (RTh j-c)
"
maximum ambient temperature Tamb_max
Example:
For VCC = 20 V, RL = 8 Ω, RTh j-c = 5° C/W, Tamb_max = 50° C
Pdmax = Number_of_channels *
= 5 W
For the heatsink,
Figure 25 shows the power derating curve for the device.
Figure 25.
Power derating curve
V
cc
2
2
Π
2
R
L
⋅
-----------------------
R
Th j-c
150
T
amb_max
–
P
d max
---------------------------------------- R
Th j-c
–
100
5
---------- 5
–
15
°C/W
==
=
a)
Infinite Heatsink
b)
7 °C/ W
c)
10 °C/ W
(c)
(a)
(d)
0
5
10
15
20
040
80
120
160
Tamb (°C)
a)
Infinite Heatsink
b)
7 °C/ W
c)
10 °C/ W
(c)
(a)
(b)
0
5
10
15
20
040
80
120
160
Tamb (°C)
d)
3.3 °C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com