Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7495SA Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7495SA_07 Datasheet HTML 7Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 8Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 9Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 10Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 11Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 12Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 13Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 14Page - STMicroelectronics TDA7495SA_07 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TDA7495SA
Package information
13/15
6
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
OUTLINE AND
MECHANICAL DATA
0044538 G
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A3.2
0.126
B
1.05
0.041
C
0.15
0.006
D
1.50
0.061
E
0.49
0.55
0.019
0.022
F
0.67
0.73
0.026
0.029
G
1.14
1.27
1.4
0.045
0.050
0.055
G1
17.57
17.78
17.91
0.692
0.700
0.705
H1
12
0.480
H2
18.6
0.732
H3
19.85
0.781
L
17.9
0.704
L1
14.55
0.572
L2
10.7
11
11.2
0.421
0.433
0.441
L3
5.5
0.217
M
2.54
0.100
M1
2.54
0.100
Clipwatt15
Weight: 1.92gr
Outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com