Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4538D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4538D
Description  RAD HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4538D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4538D Datasheet HTML 1Page - STMicroelectronics M54HC4538D Datasheet HTML 2Page - STMicroelectronics M54HC4538D Datasheet HTML 3Page - STMicroelectronics M54HC4538D Datasheet HTML 4Page - STMicroelectronics M54HC4538D Datasheet HTML 5Page - STMicroelectronics M54HC4538D Datasheet HTML 6Page - STMicroelectronics M54HC4538D Datasheet HTML 7Page - STMicroelectronics M54HC4538D Datasheet HTML 8Page - STMicroelectronics M54HC4538D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
June 2004
s
HIGH SPEED:
tPD = 25 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
STAND BY STATE:
ICC=4µA (MAX.) at TA=25°C
ACTIVE STATE:
ICC=200µA (TYP.) at VCC = 6V
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
WIDE OUTPUT PULSE WIDTH RANGE:
tWOUT = 120 ns ~ 60 s OVER AT VCC = 4.5 V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4538
s
DEVICE FULLY COMPLIANT WITH
SCC-9207-008
DESCRIPTION
The M54HC4538 is an high speed CMOS
MONOSTABLE MULTIVIBRATOR fabricated with
silicon gate C2MOS technology.
Each multivibrator features both a negative A, and
a positive B, edge triggered input, either of which
can be used as an inhibit input. Also included is a
clear input that when taken low resets the one
shot.
The
monostable
multivibrator
are
retriggerable. That is, they may be triggered
repeatedly while their outputs are generating a
pulse and the pulse will be extended. Pulse width
stability over a wide range of temperature and
supply is achieved using linear CMOS techniques.
The output pulse equation is simply:
PW = 0.7 (R)(C) where PW is in seconds, R in
Ohms and C is in Farads.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC4538
RAD HARD DUAL RETRIGGERABLE
MONOSTABLE MULTIVIBRATOR
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4538D
M54HC4538D1
FPC
M54HC4538K
M54HC4538K1
Rev. 1
DILC-16
FPC-16


Similar Part No. - M54HC4538D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4538 STMICROELECTRONICS-M54HC4538 Datasheet
288Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M54HC4538F1R STMICROELECTRONICS-M54HC4538F1R Datasheet
288Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
More results

Similar Description - M54HC4538D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M54HC123 STMICROELECTRONICS-M54HC123_04 Datasheet
325Kb / 11P
RAD-HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com