Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4538D Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4538D
Description  RAD HARD DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4538D Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4538D Datasheet HTML 1Page - STMicroelectronics M54HC4538D Datasheet HTML 2Page - STMicroelectronics M54HC4538D Datasheet HTML 3Page - STMicroelectronics M54HC4538D Datasheet HTML 4Page - STMicroelectronics M54HC4538D Datasheet HTML 5Page - STMicroelectronics M54HC4538D Datasheet HTML 6Page - STMicroelectronics M54HC4538D Datasheet HTML 7Page - STMicroelectronics M54HC4538D Datasheet HTML 8Page - STMicroelectronics M54HC4538D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M54HC4538
2/13
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: TRUTH TABLE
X : Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1, 15
1T1, 2T1
External Capacitor Con-
nections
2, 14
1T2, 2T2
External Resistor/
Capacitor Connections
3, 13
1CD, 2CD
Direct Reset Inputs
(Active Low)
4, 12
1A, 2A
Trigger Inputs (LOW to
HIGH, Edge-Triggered)
5, 11
1B, 2B
Trigger Inputs (HIGH to
LOW, Edge Triggered)
6, 10
Q1, Q2
Pulse Outputs
7, 9
Q1, Q2
Complementary Pulse
Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
NOTE
AB
CD
QQ
H
H
OUTPUT ENABLE
X
L
H
L
H
INHIBIT
H
X
H
L
H
INHIBIT
L
H
OUTPUT ENABLE
X
X
L
L
H
INHIBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com