Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC09 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC09
Description  Quad 2-input and gate (open drain)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC09 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC09 Datasheet HTML 2Page - STMicroelectronics M74HC09 Datasheet HTML 3Page - STMicroelectronics M74HC09 Datasheet HTML 4Page - STMicroelectronics M74HC09 Datasheet HTML 5Page - STMicroelectronics M74HC09 Datasheet HTML 6Page - STMicroelectronics M74HC09 Datasheet HTML 7Page - STMicroelectronics M74HC09 Datasheet HTML 8Page - STMicroelectronics M74HC09 Datasheet HTML 9Page - STMicroelectronics M74HC09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
M74HC09
6/13
4
Electrical characteristics
Table 5. DC specifications
Symbol Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
VIH
High Level
Input
Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VIL
Low Level
Input
Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
VOL
Low Level
Output
Voltage
2.0
IO = 20µA
0.0
0.1
0.1
0.1
V
4.5
IO = 20µA
0.0
0.1
0.1
0.1
6.0
IO = 20µA
0.0
0.1
0.1
0.1
4.5
IO = 4.0mA
0.17 0.26
0.33
0.40
6.0
IO = 5.2mA
0.18 0.26
0.33
0.40
II
Input
Leakage
Current
6.0
VI = VCC or
GND
± 0.1
± 1
± 1
µA
IOZ
Output
Leakage
Current
6.0
VI = VIH or VIL
VO = VCC or
GND
±0.5
± 5
± 10
µA
ICC
Quiescent
Supply
Current
6.0
VI = VCC or
GND
110
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com