Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC09 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC09
Description  Quad 2-input and gate (open drain)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC09 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC09 Datasheet HTML 3Page - STMicroelectronics M74HC09 Datasheet HTML 4Page - STMicroelectronics M74HC09 Datasheet HTML 5Page - STMicroelectronics M74HC09 Datasheet HTML 6Page - STMicroelectronics M74HC09 Datasheet HTML 7Page - STMicroelectronics M74HC09 Datasheet HTML 8Page - STMicroelectronics M74HC09 Datasheet HTML 9Page - STMicroelectronics M74HC09 Datasheet HTML 10Page - STMicroelectronics M74HC09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
M74HC09
Electrical characteristics
7/13
Table 6. AC electrical characteristics (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
tTHL
Output
Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLZ
Propagatio
n Delay
Time
2.0
RL = 1 KΩ
10
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPZL
Propagatio
n Delay
Time
2.0
RL = 1 KΩ
20
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
Table 7. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
CIN
Input
Capacitance
5.0
5
10
10
10
pF
COUT
Output
Capacitance
5.0
10
pF
CPD
Power
Dissipation
Capacitance
(note 1)
5.0
6.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com