Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC112
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC112 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC112_01 Datasheet HTML 1Page - STMicroelectronics M74HC112_01 Datasheet HTML 2Page - STMicroelectronics M74HC112_01 Datasheet HTML 3Page - STMicroelectronics M74HC112_01 Datasheet HTML 4Page - STMicroelectronics M74HC112_01 Datasheet HTML 5Page - STMicroelectronics M74HC112_01 Datasheet HTML 6Page - STMicroelectronics M74HC112_01 Datasheet HTML 7Page - STMicroelectronics M74HC112_01 Datasheet HTML 8Page - STMicroelectronics M74HC112_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED :
fMAX = 79MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 112
DESCRIPTION
The M74HC112 is an high speed CMOS DUAL
J-K FLIP-FLOP WITH PRESET AND CLEAR
fabricated with silicon gate C2MOS technology.
The
M74HC112
dual
JK
flip-flop
features
individual J, K, clock, and asynchronous set and
clear inputs for each flip-flop. When the clock goes
high, the inputs are enabled and data will be
accepted. The logic level of the J and K inputs
may be allowed to change when the clock pulse is
high and the bistable will function as shown in the
truth table. Input data is transferred to the input on
the negative going edge of the clock pulse.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC112
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC112B1R
SOP
M74HC112M1R
M74HC112RM13TR
TSSOP
M74HC112TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC112_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC112B1R STMICROELECTRONICS-M74HC112B1R Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC112C1R STMICROELECTRONICS-M74HC112C1R Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC112M1R STMICROELECTRONICS-M74HC112M1R Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
More results

Similar Description - M74HC112_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
Dual J-K Flip-Flop(with Preset and Clear)
logo
Toshiba Semiconductor
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
Dual J-K Flip Flop with Preset and Clear
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com