Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC112 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC112
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC112 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC112_01 Datasheet HTML 1Page - STMicroelectronics M74HC112_01 Datasheet HTML 2Page - STMicroelectronics M74HC112_01 Datasheet HTML 3Page - STMicroelectronics M74HC112_01 Datasheet HTML 4Page - STMicroelectronics M74HC112_01 Datasheet HTML 5Page - STMicroelectronics M74HC112_01 Datasheet HTML 6Page - STMicroelectronics M74HC112_01 Datasheet HTML 7Page - STMicroelectronics M74HC112_01 Datasheet HTML 8Page - STMicroelectronics M74HC112_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M74HC112
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1, 13
1CK, 2CK
Clock Input(HIGH to LOW
edge triggered)
2, 12
1K, 2K
Data Inputs: Flip-Flop 1
and 2
3, 11
1J, 2J
Data Inputs: Flip-Flop 1
and 2
4, 10
1PR, 2PR
Set Inputs
5, 9
1Q, 2Q
True Flip-Flop Outputs
6, 7
1Q, 2Q
Complement Flip-Flop
Outputs
15, 14
1CLR, 2CLR Reset Inputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLR
PR
JK
CK
Q
Q
L
H
X
X
X
L
H
CLEAR
H
L
X
X
X
H
L
PRESET
LL
X
X
X
H
H
----
H
H
L
L
Qn
Qn
NO CHANGE
HHH
L
H
L
----
H
H
LH
LH
----
HHHH
Qn
Qn
TOGGLE
H
H
X
X
Qn
Qn
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com