Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC133 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC133
Description  13 INPUT NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC133 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC133_01 Datasheet HTML 1Page - STMicroelectronics M74HC133_01 Datasheet HTML 2Page - STMicroelectronics M74HC133_01 Datasheet HTML 3Page - STMicroelectronics M74HC133_01 Datasheet HTML 4Page - STMicroelectronics M74HC133_01 Datasheet HTML 5Page - STMicroelectronics M74HC133_01 Datasheet HTML 6Page - STMicroelectronics M74HC133_01 Datasheet HTML 7Page - STMicroelectronics M74HC133_01 Datasheet HTML 8Page - STMicroelectronics M74HC133_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2001
s
HIGH SPEED :
tPD = 14 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 133
DESCRIPTION
The
M74HC133
is
an
high
speed
CMOS
13-INPUT NAND GATE fabricated with silicon
gate C2MOS technology.
The internal circuit is composed of 7 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC133
13 INPUT NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC133B1R
SOP
M74HC133M1R
M74HC133RM13TR
TSSOP
M74HC133TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC133_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC133B1R STMICROELECTRONICS-M74HC133B1R Datasheet
237Kb / 10P
13 INPUT NAND GATE
Oct-1992
M74HC133C1R STMICROELECTRONICS-M74HC133C1R Datasheet
237Kb / 10P
13 INPUT NAND GATE
Oct-1992
M74HC133M1R STMICROELECTRONICS-M74HC133M1R Datasheet
237Kb / 10P
13 INPUT NAND GATE
Oct-1992
More results

Similar Description - M74HC133_01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
13.input NAND Gate
July 2, 1993
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
13-input NAND gate
September 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
13 INPUT NAND GATE
Oct-1992
logo
Fairchild Semiconductor
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
13-Input NAND Gate
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
13-Input NAND Gate
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
13-INPUT NAND GATE
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
13-input NAND Gate
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
13-input NAND gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com