Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC298 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC298
Description  QUAD 2 CHANNEL MULTIPLEXER/REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC298 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC298 Datasheet HTML 1Page - STMicroelectronics M74HC298 Datasheet HTML 2Page - STMicroelectronics M74HC298 Datasheet HTML 3Page - STMicroelectronics M74HC298 Datasheet HTML 4Page - STMicroelectronics M74HC298 Datasheet HTML 5Page - STMicroelectronics M74HC298 Datasheet HTML 6Page - STMicroelectronics M74HC298 Datasheet HTML 7Page - STMicroelectronics M74HC298 Datasheet HTML 8Page - STMicroelectronics M74HC298 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED:
fMAX = 79 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 298
DESCRIPTION
The M74HC298 is an high speed CMOS QUAD 2
CHANNEL MULTIPLEXER/REGISTER fabricated
with silicon gate C2MOS technology.
These circuits are controlled by the signals WORD
SELECT and CLOCK. When the WORD SELECT
input is taken low Word 1 (A1, B1, C1 and D1) is
presented to the input of the flip-flops, and when
WORD SELECT is high Word 2 (A2, B2, C2 and
D2) is presented to the inputs of the flip-flops. The
select word is clocked to the output terminals on
the negative edge of the clock pulse.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC298
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC298B1R
SOP
M74HC298M1R
M74HC298RM13TR
TSSOP
M74HC298TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC298

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
M74HC298B1R STMICROELECTRONICS-M74HC298B1R Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
M74HC298C1R STMICROELECTRONICS-M74HC298C1R Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
M74HC298M1R STMICROELECTRONICS-M74HC298M1R Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
More results

Similar Description - M74HC298

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Mar-2000
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER/REGISTER
Oct-1992
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
Quad 2-Port Register Multiplexer with Storage
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
54298 NSC-54298 Datasheet
98Kb / 4P
Quad 2-Port Register (Multiplexer With Storage)
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com