Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC564 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC564
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC564 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC564 Datasheet HTML 1Page - STMicroelectronics M74HC564 Datasheet HTML 2Page - STMicroelectronics M74HC564 Datasheet HTML 3Page - STMicroelectronics M74HC564 Datasheet HTML 4Page - STMicroelectronics M74HC564 Datasheet HTML 5Page - STMicroelectronics M74HC564 Datasheet HTML 6Page - STMicroelectronics M74HC564 Datasheet HTML 7Page - STMicroelectronics M74HC564 Datasheet HTML 8Page - STMicroelectronics M74HC564 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2001
s
HIGH SPEED:
fMAX = 90MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 564
DESCRIPTION
The M74HC564 is an high speed CMOS OCTAL
D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS
INVERTING fabricated with silicon gate C2MOS
technology.
This 8 bit D-TYPE FLIP FLOP is controlled by a
clock input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to the logic state that were
setup at the D inputs.
While the OE input is at low level, the eight outputs
will be in a normal logic state (high or low logic
level) and while high level the outputs will be in a
high impedance state.
The output control does not affect the internal
operation of flip-flops; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC564
OCTAL D-TYPE FLIP FLOP
WITH 3 STATE OUTPUT INVERTING
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC564B1R
SOP
M74HC564M1R
M74HC564RM13TR
TSSOP
M74HC564TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC564 STMICROELECTRONICS-M74HC564 Datasheet
271Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
Mar-1993
M74HC564B1R STMICROELECTRONICS-M74HC564B1R Datasheet
271Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
Mar-1993
M74HC564C1R STMICROELECTRONICS-M74HC564C1R Datasheet
271Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
Mar-1993
M74HC564F1R STMICROELECTRONICS-M74HC564F1R Datasheet
271Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
Mar-1993
M74HC564M1R STMICROELECTRONICS-M74HC564M1R Datasheet
271Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
Mar-1993
More results

Similar Description - M74HC564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374 STMICROELECTRONICS-74AC374 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74VHC374 STMICROELECTRONICS-74VHC374 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHCT374A STMICROELECTRONICS-74VHCT374A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
74VHCT574A STMICROELECTRONICS-74VHCT574A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Aug-1999
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
M74HC574 STMICROELECTRONICS-M74HC574 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC534 STMICROELECTRONICS-M74HC534 Datasheet
406Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com