Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M87C257 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M87C257
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M87C257 Datasheet HTML 11Page - STMicroelectronics M87C257 Datasheet HTML 12Page - STMicroelectronics M87C257 Datasheet HTML 13Page - STMicroelectronics M87C257 Datasheet HTML 14Page - STMicroelectronics M87C257 Datasheet HTML 15Page - STMicroelectronics M87C257 Datasheet HTML 16Page - STMicroelectronics M87C257 Datasheet HTML 17Page - STMicroelectronics M87C257 Datasheet HTML 18Page - STMicroelectronics M87C257 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
M87C257
DC and AC parameters
15/22
Table 9.
Read mode AC characteristics 1(1) (2)
1.
TA = 0 to 70 °C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol Alt
Parameter
Test
Condition
M87C257
Unit
-45(3)
3.
Speed obtained with High Speed AC measurement conditions.
-60
-70
-80
Min Max Min Max Min Max Min Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL,
G = VIL
45
60
70
80
ns
tAVASL
tAL
Address Valid to
Address Strobe Low
777
7
ns
tASHASL tLL
Address Strobe High
to Address Strobe Low
35
35
35
35
ns
tASLAX
tLA
Address Strobe Low to
Address Transition
20
20
20
20
ns
tASLGL tLOE
Address Strobe Low to
Output Enable Low
20
20
20
20
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
45
60
70
80
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E = VIL
25
30
35
40
ns
tEHQZ
(4)
4.
Sampled only, not 100% tested.
tDF
Chip Enable High to
Output Hi-Z
G = VIL
0250300
30
040
ns
tGHQZ
(4)
tDF
Output Enable High to
Output Hi-Z
E = VIL
0250300
30
040
ns
tAXQX
tOH
Address Transition to
Output Transition
E = VIL,
G = VIL
000
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com