Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M87C257 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M87C257
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M87C257 Datasheet HTML 12Page - STMicroelectronics M87C257 Datasheet HTML 13Page - STMicroelectronics M87C257 Datasheet HTML 14Page - STMicroelectronics M87C257 Datasheet HTML 15Page - STMicroelectronics M87C257 Datasheet HTML 16Page - STMicroelectronics M87C257 Datasheet HTML 17Page - STMicroelectronics M87C257 Datasheet HTML 18Page - STMicroelectronics M87C257 Datasheet HTML 19Page - STMicroelectronics M87C257 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DC and AC parameters
M87C257
16/22
Table 10.
Read mode AC characteristics 2(1) (2)
1.
TA = 0 to 70 °C, –40 to 85 °C; –40 to 105 °C or –40 to 125 °C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Alt
Parameter
Test
Condition
M87C257
Unit
-90
-10
-12
-15/-20
Min Max Min Max Min Max Min Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL,
G = VIL
90
100
120
150
ns
tAVASL
tAL
Address Valid to
Address Strobe Low
7
777
ns
tASHASL
tLL
Address Strobe
High to Address
Strobe Low
35
35
35
35
ns
tASLAX
tLA
Address Strobe Low
to Address
Transition
20
20
20
20
ns
tASLGL
tLOE
Address Strobe Low
to Output Enable
Low
20
20
20
20
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
90
100
120
150
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E = VIL
40
40
50
60
ns
tEHQZ
(3)
3.
Sampled only, not 100% tested.
tDF
Chip Enable High to
Output Hi-Z
G = VIL
0400
30
0
40
0
40
ns
tGHQZ
(3)
tDF
Output Enable High
to Output Hi-Z
E = VIL
0400
30
0
40
0
40
ns
tAXQX
tOH
Address Transition
to Output Transition
E = VIL,
G = VIL
0
000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com