Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6600TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6600TR
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6600TR Datasheet HTML 35Page - STMicroelectronics PM6600TR Datasheet HTML 36Page - STMicroelectronics PM6600TR Datasheet HTML 37Page - STMicroelectronics PM6600TR Datasheet HTML 38Page - STMicroelectronics PM6600TR Datasheet HTML 39Page - STMicroelectronics PM6600TR Datasheet HTML 40Page - STMicroelectronics PM6600TR Datasheet HTML 41Page - STMicroelectronics PM6600TR Datasheet HTML 42Page - STMicroelectronics PM6600TR Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
PM6600
Package mechanical data
39/43
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 10.
VFQFPN-24 mechanical data
Dim.
Min
Typ
Max
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
3.85
4.00
4.15
D2
2.40
2.50
2.60
E
3.85
4.00
4.15
E2
2.40
2.50
2.60
e0.50
L
0.30
0.40
0.50
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com