Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6600TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM6600TR
Description  6-row 32 mA LED driver with boost regulator for LCD panel backlight
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6600TR Datasheet(HTML) 5 Page - STMicroelectronics

  PM6600TR Datasheet HTML 1Page - STMicroelectronics PM6600TR Datasheet HTML 2Page - STMicroelectronics PM6600TR Datasheet HTML 3Page - STMicroelectronics PM6600TR Datasheet HTML 4Page - STMicroelectronics PM6600TR Datasheet HTML 5Page - STMicroelectronics PM6600TR Datasheet HTML 6Page - STMicroelectronics PM6600TR Datasheet HTML 7Page - STMicroelectronics PM6600TR Datasheet HTML 8Page - STMicroelectronics PM6600TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
PM6600
Pin settings
5/43
2
Pin settings
2.1
Connections
2.2
Pin description
Figure 2.
Pin connection (through top view)
Table 2.
Pin functions
N°
Pin
Function
1COMP
Error amplifier output. A simple RC series between this pin and ground is
needed to compensate the loop of the boost regulator.
2
RILIM
Output generators current limit setting. The output current of the ROWs can
be programmed connecting a resistor to SGND.
3
BILIM
Boost converter current limit setting. The internal MOSFET current limit can
be programmed connecting a resistor to SGND.
4FSW
Switching frequency selection and external sync input. A resistor to SGND
is used to set the desired switching frequency. The pin can also be used as
external synchronization input. See Section 7.3 on page 25 for details.
5MODE
Current generators fault management selector. It allows to detect and
manage LEDs failures. See Section 9.2 on page 36 for details.
6
AVCC
+5 V analog supply. Connect to LDO5 through a simple RC filter.
7LDO5
Internal +5 V LDO output and power section supply. Bypass to SGND with a
1
µF ceramic capacitor.
8
VIN
Input voltage. Connect to the main supply rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com