Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670STR Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM6670STR
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670STR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM6670STR Datasheet HTML 30Page - STMicroelectronics PM6670STR Datasheet HTML 31Page - STMicroelectronics PM6670STR Datasheet HTML 32Page - STMicroelectronics PM6670STR Datasheet HTML 33Page - STMicroelectronics PM6670STR Datasheet HTML 34Page - STMicroelectronics PM6670STR Datasheet HTML 35Page - STMicroelectronics PM6670STR Datasheet HTML 36Page - STMicroelectronics PM6670STR Datasheet HTML 37Page - STMicroelectronics PM6670STR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Device description
PM6670S
34/53
7.1.9
Gate drivers
The integrated high-current gate drivers allow using different power MOSFETs. The high-
side driver uses a bootstrap circuit which is supplied by the +5 V rail. The BOOT and
PHASE pins work respectively as supply and return path for the high-side driver, while the
low-side driver is directly fed through VCC and PGND pins.
An important feature of the PM6670S gate drivers is the Adaptive Anti-Cross-Conduction
circuitry, which prevents high-side and low-side MOSFETs from being turned on at the same
time. When the high-side MOSFET is turned off, the voltage at the PHASE node begins to
fall. The low-side MOSFET is turned on only when the voltage at the PHASE node reaches
an internal threshold (2.5 V typ.). Similarly, when the low-side MOSFET is turned off, the
high-side one remains off until the LGATE pin voltage is above 1V.
The power dissipation of the drivers is a function of the total gate charge of the external
power MOSFETs and the switching frequency, as shown in the following equation:
Equation 23
The low-side driver has been designed to have a low-resistance pull-down transistor
(0.6
Ω typ.) in order to prevent undesired ignition of the low-side MOSFET due to the Miller
effect.
7.1.10
Reference voltage and bandgap
The 1.237 V internal bandgap reference has a granted accuracy of ±1 % over the
0 °C to 85 °C temperature range. The VREF pin is a buffered replica of the bandgap voltage.
It can supply up to ±100
µA and is suitable to set the intermediate level of MODE, DDRSEL
and DSCG multifunction pins. A 100 nF (min.) bypass capacitor toward SGND is required to
enhance noise rejection. If VREF falls below 0.8 V (typ.), the system detects a fault condition
and all the circuitry is turned OFF.
An internal divider derives a 0.9 V±1 % voltage (Vr) from the bandgap. This voltage is used
as a reference by the switching regulator output. The Over-Voltage Protection, the Under-
Voltage Protection and the Power good signal are also referred to Vr.
SW
g
DRV
D
f
Q
V
)
driver
(
P
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com