Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670STR Datasheet(PDF) 50 Page - STMicroelectronics

Part # PM6670STR
Description  Complete DDR2/3 memory power supply controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670STR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PM6670STR Datasheet HTML 45Page - STMicroelectronics PM6670STR Datasheet HTML 46Page - STMicroelectronics PM6670STR Datasheet HTML 47Page - STMicroelectronics PM6670STR Datasheet HTML 48Page - STMicroelectronics PM6670STR Datasheet HTML 49Page - STMicroelectronics PM6670STR Datasheet HTML 50Page - STMicroelectronics PM6670STR Datasheet HTML 51Page - STMicroelectronics PM6670STR Datasheet HTML 52Page - STMicroelectronics PM6670STR Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Package mechanical data
PM6670S
50/53
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 20.
VFQFPN-24 4 mm x 4 mm mechanical data
Dim.
mm.
Min
Typ
Max
A
0.80
0.90
1.00
A1
0.0
0.05
A2
0.65
0.80
D
4.00
D1
3.75
E4.00
E1
3.75
θ
12°
P
0.240.420.60
e0.50
N
24.00
Nd
6.00
Ne
6.00
L
0.300.400.50
b
0.18
0.30
D2
1.95
2.10
2.25
E2
1.95
2.10
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com