Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6681A Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 17Page - STMicroelectronics PM6681A Datasheet HTML 18Page - STMicroelectronics PM6681A Datasheet HTML 19Page - STMicroelectronics PM6681A Datasheet HTML 20Page - STMicroelectronics PM6681A Datasheet HTML 21Page - STMicroelectronics PM6681A Datasheet HTML 22Page - STMicroelectronics PM6681A Datasheet HTML 23Page - STMicroelectronics PM6681A Datasheet HTML 24Page - STMicroelectronics PM6681A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
PM6681A
Device description
21/47
Figure 32.
Circuitry for output ripple compensation
The integrator amplifier generates a current, proportional to the DC errors between the FB
voltage and Vr, which decreases the output voltage in order to compensate the total static
error, including the voltage drop on PCB traces. In addition, CINT provides an AC path for
the output ripple. In steady state, the voltage on COMP1/COMP2 pin is the sum of the
reference voltage Vr and the output ripple (see Figure 32). In fact when the voltage on the
COMP pin reaches Vr, a fixed Ton begins and the output increases.
For example, we consider Vout = 5 V with an output ripple of
∆V = 50 mV. Considering C
INT
>> CFILT, the CINT DC voltage drop VCINT is about 5 V - Vr + 25 mV = 4.125 V.
CINT assures an AC path for the output voltage ripple. Then the COMP pin ripple is a replica
of the output ripple, with a DC value of Vr + 25 mV = 925 mV.
For more details about the output ripple compensation network, see the paragraph “Closing
the integrator loop” in the design guidelines.
In steady state the FB pin voltage is about Vr and the regulated output voltage depends on
the external divider:
Equation 4
7.4
Pulse skip mode
If the SKIP pin is tied to ground, the device works in skip mode.
At light loads a zero-crossing comparator truncates the low-side switch on-time when the
inductor current becomes negative. In this condition the section works in discontinuous
conduction mode. The threshold between continuous and discontinuous conduction mode
is:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
1
2
R
R
1
Vr
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com