Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6681A Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6681A
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6681A Datasheet HTML 35Page - STMicroelectronics PM6681A Datasheet HTML 36Page - STMicroelectronics PM6681A Datasheet HTML 37Page - STMicroelectronics PM6681A Datasheet HTML 38Page - STMicroelectronics PM6681A Datasheet HTML 39Page - STMicroelectronics PM6681A Datasheet HTML 40Page - STMicroelectronics PM6681A Datasheet HTML 41Page - STMicroelectronics PM6681A Datasheet HTML 42Page - STMicroelectronics PM6681A Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
PM6681A
Design guidelines
39/47
Typical components values are: R = 47
Ω and C = 1 µF.
●
VREF capacitor. A 10 nF to 100 nF ceramic capacitor on VREF pin must be added to
ensure noise rejection.
●
LDO5 output capacitors. Bypass the output of each linear regulator with 1
µF ceramic
capacitor closer to the LDO pin and a 4.7
µF tantalum capacitor (ESR = 2 Ω). In most
applicative conditions a 4.7
µF ceramic output capacitor can be enough to ensure
stability.
●
Bootstrap circuit. The external bootstrap circuit is represented in the next figure:
Figure 43.
Bootstrap circuit
The bootstrap circuit capacitor value CBOOT must provide the total gate charge to the high
side MOSFET during turn on phase. A typical value is 100 nF.
The bootstrap diode D must charge the capacitor during the off time phases. The maximum
rated voltage must be higher than VINmax.
A resistor RBOOT on the BOOT pin could be added in order to reduce noise when the phase
node rises up, working like a gate resistor for the turn on phase of the high side MOSFET.
9.8
Design example
The following design example considers an input voltage from 7 V to 16 V. The two switching
outputs are OUT1 = 1.5 V and OUT2 = 1.05 V and must deliver a maximum current of 5 A.
The selected switching frequencies are about 290 kHz for OUT1 section and about 425 kHz
for OUT2 section (see Table 1).
9.8.1
Inductor selection
OUT1: ILOAD = 2.5 A, 45 % ripple current.
We choose standard value L = 8.2
µH.
∆I
L(max) = 1.16 A @ VIN = 24 V.
ILRMS = 2.53 A
 
P
P H
HA
AS
SE
E
C
C
B
BO
OO
OT
T
R
R
B
BO
OO
OT
T
L
LD
DO
O 5
5
B
B O
O O
O T
T
D
D
L
L
H
2
.
8
5
.
2
45
.
0
V
24
KHz
290
)
V
3
.
3
V
20
(
V
3
.
3
L
µ
≈
⋅
⋅
⋅
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com