Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM6685_07 Datasheet HTML 34Page - STMicroelectronics PM6685_07 Datasheet HTML 35Page - STMicroelectronics PM6685_07 Datasheet HTML 36Page - STMicroelectronics PM6685_07 Datasheet HTML 37Page - STMicroelectronics PM6685_07 Datasheet HTML 38Page - STMicroelectronics PM6685_07 Datasheet HTML 39Page - STMicroelectronics PM6685_07 Datasheet HTML 40Page - STMicroelectronics PM6685_07 Datasheet HTML 41Page - STMicroelectronics PM6685_07 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Monitoring and protections
PM6685
38/52
A rectifier across the low side MOSFET is recommended. The rectifier works as a voltage
clamp across the synchronous rectifier and reduces the negative inductor swing during the
dead time between turning the high-side MOSFET off and the synchronous rectifier on. It
can increase the efficiency of the switching section, since it reduces the low side switch
losses. A schottky diode is suitable for its low forward voltage drop (0.3V). The diode reverse
voltage must be greater than the maximum input voltage VINmax. A minimum recovery
reverse charge is preferable. Below there is a list of some schottky diode manufacturers.
8.11
Closing the integrator loop
The design of external feedback network depends on the output voltage ripple. If the ripple
is higher than approximately 30mV, the feedback network (Figure 36) is usually enough to
keep the loop stable.
Figure 36. Circuitry for output ripple compensation
Table 16.
Dual MOSFET manufacturer
Manufacturer
Type
RDSon (mΩ)
Gate charge (nC)
Rated reverse
voltage (V)
ST
STS8DNH3LL
25
10
30
ST
STS4DNF60L
65
32
60
Table 17.
Schottky diode manufacturer
Manufacturer
Series
Forward voltage
(V)
Rated reverse
voltage (V)
Reverse current
(uA)
ST
STPS1L30M
0.34
30
0.00039
ST
STPS1L20M
0.37
20
0.000075
+
-
Vr
Vr
COMP
COMP
gm
gm
OUT
OUT
RFb1
RFb1
RFb2
RFb2
Vr
Vr
+
PWM
PWM
Comparator
Comparator
CINT
CINT
RINT
RINT
CFILT
CFILT
t
Vr
COUT
COUT
COMP PIN
VOLTAGE
L
L
D
D
OUTPUT VOLTAGE
I=gm(V1-Vr)
V1
V1
t
∆V
∆V
VCINT
VCINT
ROUT
ROUT
+
-
Vr
Vr
COMP
COMP
gm
gm
OUT
OUT
RFb1
RFb1
RFb2
RFb2
Vr
Vr
+
PWM
PWM
Comparator
Comparator
CINT
CINT
RINT
RINT
CFILT
CFILT
t
Vr
COUT
COUT
COMP PIN
VOLTAGE
L
L
D
D
OUTPUT VOLTAGE
I=gm(V1-Vr)
V1
V1
t
∆V
∆V
VCINT
VCINT
ROUT
ROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com