Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM6685
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM6685_07 Datasheet HTML 38Page - STMicroelectronics PM6685_07 Datasheet HTML 39Page - STMicroelectronics PM6685_07 Datasheet HTML 40Page - STMicroelectronics PM6685_07 Datasheet HTML 41Page - STMicroelectronics PM6685_07 Datasheet HTML 42Page - STMicroelectronics PM6685_07 Datasheet HTML 43Page - STMicroelectronics PM6685_07 Datasheet HTML 44Page - STMicroelectronics PM6685_07 Datasheet HTML 45Page - STMicroelectronics PM6685_07 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Monitoring and protections
PM6685
42/52
Equation 32
R1 can be selected as follows:
Equation 33
Example:
5V section, fSW=200kHz, L=4.7uH, Cout=100uF ceramic (Rout~0
Ω). We design
RESR = 30m
Ω. We choose CINT=1nF by equations 31, 32 and Cfilt=47pF, RINT=1.8KΩ by
eq.26,27. C=6.8nF by Eq.33. Then R=22K
Ω (eq.34) and R1=1KΩ (eq.35).
C
R
L
R
ESR ×
=
Z
Z
f
C
1
R
f
C
1
R
1
R
×
π
×
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
π
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com