Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMIULC6-2P6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HDMIULC6-2P6
Description  Ultra Low Capacitance 2 line ESD protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-2P6 Datasheet(HTML) 1 Page - STMicroelectronics

  HDMIULC6-2P6 Datasheet HTML 1Page - STMicroelectronics HDMIULC6-2P6 Datasheet HTML 2Page - STMicroelectronics HDMIULC6-2P6 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2006
Rev 1
1/3
DVIULC6-2x6
HDMIULC6-2x and SATAULC6-2x6
Ultra Low Capacitance 2 line ESD protection
Main applications
■ DVI and HDMI ports up to 1.65 Gb/s
■ SATA port up to 3.2 Gb/s
■ EEE1394a, b or c port up to 3.2 Gb/s
■ Portable electronics
Description
The DVIULC6-2x6, HDMIULC6-2x6 and
SATAULC6-2x6 are a monolithic Application
Specific Discrete dedicated to ESD protection of
high speed interfaces. Its ultra low line
capacitance secures a high level of signal
integrity without compromising in protecting
downstream sensitive chips against the most
stringent characterized ESD strikes.
Features
■ 2 data lines ± 15kV ESD protection
■ Protect 5 V VBUS when applicable
■ Ultra low capacitance: 0.6 pF at F = 825 MHz
■ Very low leakage current: 0.5 µA max.
■ Fast response time compared with varistor
■ SOT-666 package: 1.60 x 1.60 x 0.55 mm
■ µQFN 6 leads package: 1.45 x 1.00 x 0.55 mm
■ RoHS compliant
Benefits
■ ESD protection, IEC 61000-4-2 level 4
compliant
– > ± 15 kV Contact discharge
– > ± 15 kV Air discharge
■ Minimized rise and fall times for maximum data
integrity
■ Consistent D+ / D- signal balance:
– Best capacitance matching tolerance I/O to
GND = 0.015 pF for ultra low inter pair skew
– Best capacitance matching tolerance I/O to
I/O = 0.007 pF for ultra low intra pair skew
– Matching high bit rate DVI, HDMI, SATA
and IEEE 1394 requirements
■ Low PCB space consuming
■ Low leakage current for longer operation of
battery powered devices
■ High reliability offered by monolithic integration
Functional diagram
Complies with these standards:
■ IEC 61000-4-2 level 4
– 15 kV air discharge
– 8 kV (and up to 15 kV) contact discharge
Order code
Part Number
Marking
DVIULC6-2P6
R
DVIULC6-2M6
T
HDMIULC6-2P6
R
HDMIULC6-2M6
T
SATAULC6-2P6
U
SATAULC6-2M6
S
SOT-666
Micro QFN 6L
DVIULC6-2x6 / HDMIULC6-2x6
SATAULC6-2x6
www.st.com


Similar Part No. - HDMIULC6-2P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMIULC6-2P6 STMICROELECTRONICS-HDMIULC6-2P6 Datasheet
751Kb / 17P
Ultra large bandwidth ESD protection
06-May-2008
More results

Similar Description - HDMIULC6-2P6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
logo
SYNC POWER Crop.
SPE6V8UN SYNC-POWER-SPE6V8UN Datasheet
229Kb / 5P
Ultra Low Capacitance 2 -Line ESD Protection Array
SPE0582 SYNC-POWER-SPE0582 Datasheet
200Kb / 6P
Ultra Low Capacitance 2 -Line ESD Protection Array
SPE6V8UN SYNC-POWER-SPE6V8UN_11 Datasheet
231Kb / 7P
Ultra Low Capacitance 2 -Line ESD Protection Array
logo
Semtech Corporation
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0552T SEMTECH-RCLAMP0552T Datasheet
147Kb / 7P
Ultra Low Capacitance TVS 2-Line ESD Protection
RCLAMP3522T SEMTECH-RCLAMP3522T Datasheet
405Kb / 8P
Ultra-Low Capacitance 2-Line, 3.5V ESD protection
logo
TECH PUBLIC Electronics...
TPESD0502S6 TECHPUBLIC-TPESD0502S6 Datasheet
1Mb / 4P
Low Capacitance 2-Line ESD Protection
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com