Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP80MC Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMP80MC
Description  TRISIL for telecom equipment protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP80MC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SMP80MC Datasheet HTML 2Page - STMicroelectronics SMP80MC Datasheet HTML 3Page - STMicroelectronics SMP80MC Datasheet HTML 4Page - STMicroelectronics SMP80MC Datasheet HTML 5Page - STMicroelectronics SMP80MC Datasheet HTML 6Page - STMicroelectronics SMP80MC Datasheet HTML 7Page - STMicroelectronics SMP80MC Datasheet HTML 8Page - STMicroelectronics SMP80MC Datasheet HTML 9Page - STMicroelectronics SMP80MC Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SMP80MC
Ordering Information Scheme
7/10
2
Ordering Information Scheme
SMP
80
MC - xxx
Trisil surface mount
Repetitive peak pulse current
Capacitance
Voltage
80 = 80A
MC = Micro Capacitance
120 = 120 V
140 = 140 V
160 = 160 V
200 = 200 V
230 = 230 V
270 = 270 V
320 = 320 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com