Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP80MC Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP80MC
Description  TRISIL for telecom equipment protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP80MC Datasheet(HTML) 1 Page - STMicroelectronics

  SMP80MC Datasheet HTML 1Page - STMicroelectronics SMP80MC Datasheet HTML 2Page - STMicroelectronics SMP80MC Datasheet HTML 3Page - STMicroelectronics SMP80MC Datasheet HTML 4Page - STMicroelectronics SMP80MC Datasheet HTML 5Page - STMicroelectronics SMP80MC Datasheet HTML 6Page - STMicroelectronics SMP80MC Datasheet HTML 7Page - STMicroelectronics SMP80MC Datasheet HTML 8Page - STMicroelectronics SMP80MC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
January 2007
Rev 4
1/10
10
SMP80MC
TRISIL™ for telecom equipment protection
Features
■ Bidirectional crowbar protection
■ Voltage: range from 120 V to 320 V
■ Low VBO / VR ratio
■ Micro capacitance equal to 12 pF @ 50 V
■ Low leakage current : IR = 2 µA max
■ Holding current: IH = 150 mA min
■ Repetitive peak pulse current :
■ IPP = 80 A (10/1000 µs)
Main applications
Any sensitive equipment requiring protection
against lightning strikes and power crossing:
■ Terminals (phone, fax, modem...) and central
office equipment
Description
The SMP80MC is a series of micro capacitance
transient surge arrestors designed for the
protection of high debit rate communication
equipment on CPE side. Its micro capacitance
avoids any distortion of the signal and is
compatible with digital transmission like ADSL2
and ADSL2+.
Benefits
Trisils are not subject to ageing and provide a fail
safe mode in short circuit for a better protection.
They are used to help equipment to meet main
standards such as UL1950, IEC950 / CSA C22.2
and UL1459. They have UL94 V0 approved resin.
SMB package is JEDEC registered (DO-214AA).
Trisils comply with the following standards GR-
1089 Core, ITU-T-K20/K21, VDE0433, VDE0878,
IEC61000-4-5 and FCC part 68.
TM: TRISIL is a trademark of STMicroelectronics.
Order codes
Schematic diagram
Part Number
Marking
SMP80MC-120
TP12
SMP80MC-140
TP14
SMP80MC-160
TP16
SMP80MC-200
TP20
SMP80MC-230
TP23
SMP80MC-270
TP27
SMP80MC-320
TP32
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SMP80MC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP80MC-120 STMICROELECTRONICS-SMP80MC-120 Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP80MC-140 STMICROELECTRONICS-SMP80MC-140 Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP80MC-160 STMICROELECTRONICS-SMP80MC-160 Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP80MC-200 STMICROELECTRONICS-SMP80MC-200 Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
More results

Similar Description - SMP80MC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
Trisil??for telecom equipment protection
09-Feb-2012
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com