Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST763A Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST763A
Description  3.3V Step down current mode PWM DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST763A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST763A Datasheet HTML 3Page - STMicroelectronics ST763A Datasheet HTML 4Page - STMicroelectronics ST763A Datasheet HTML 5Page - STMicroelectronics ST763A Datasheet HTML 6Page - STMicroelectronics ST763A Datasheet HTML 7Page - STMicroelectronics ST763A Datasheet HTML 8Page - STMicroelectronics ST763A Datasheet HTML 9Page - STMicroelectronics ST763A Datasheet HTML 10Page - STMicroelectronics ST763A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ST763A series
Electrical characteristics
7/14
5
Electrical characteristics
Table 4.
Electrical characteristics
(VCC = 5V, IO = 0mA, TA = TMIN to TMAX, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Input voltage
3.3
11
V
VO
Output voltage
VCC = 4 to 11V, IO = 0 to 300mA
3.135
3.3
3.465
V
VCC = 4.75 to 11V, IO = 0 to 500mA
3.135
3.3
3.465
V
ΔVO
Line regulation
0.13
%/V
ΔVO
Load regulation
IO = 0 to 500mA
0.005
%/mA
η
Power efficiency
IO = 300mA
88
%
IO = 100mA
90
ISUPPLY Supply current
ON Mode (Including switch current)
0.6
2.5
mA
OFF Mode
0.2
100
μA
VIH
SHDN Input high threshold
2
V
VIL
SHDN Input low threshold
0.25
V
ISHDN
Shutdown input leakage current
1
μA
VLOCK
Under voltage lockout
VCC Falling
2.7
3
V
RDS(on) LX On resistance
ILX = 500mA
1
Ω
ILEAK
LX Leakage current
VCC = 12V, VLX = 0V
10
nA
VREF
Reference voltage
TA = 25°C
1.18
1.25
1.32
V
ΔVREF Temperature reference drift
TA = TMIN to TMAX
50
ppm/°C
fOSC
Switching frequency
TA = 25°C
159
200
212.5
KHz
RC
Compensation pin impedance
7500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com