Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST763A Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST763A
Description  3.3V Step down current mode PWM DC-DC converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST763A Datasheet(HTML) 4 Page - STMicroelectronics

  ST763A Datasheet HTML 1Page - STMicroelectronics ST763A Datasheet HTML 2Page - STMicroelectronics ST763A Datasheet HTML 3Page - STMicroelectronics ST763A Datasheet HTML 4Page - STMicroelectronics ST763A Datasheet HTML 5Page - STMicroelectronics ST763A Datasheet HTML 6Page - STMicroelectronics ST763A Datasheet HTML 7Page - STMicroelectronics ST763A Datasheet HTML 8Page - STMicroelectronics ST763A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin configuration
ST763A series
4/14
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 1.
Pin description
Pin N°
Symbol
Name and function
1
SHDN
Shutdown control (active low): If connected to GND the IC is in shutdown. Connect to VCC
for normal operation (ON MODE).
2
REF
Reference output voltage: (1.25V): Bypass to GND with 47nF capacitor.
3SS
Soft start: a capacitor between SS and GND provides soft-start and short-circuit
protections.
4CC
Compensation capacitor input: externally compensates the outer (voltage) feedback loop.
Connect to OUT with 330pF capacitor
5OUT
Output voltage sense input: provides regulation of feedback sensing. Connect to 3.3V
output.
6
GND
Ground
7
LX
Switch output. Drain of internal P-channel power MOSFET
8VCC
Supply voltage input. Bypass to GND with 1
μF ceramic capacitance and large value
electrolytic capacitor in parallel. The 1
μF capacitor must be as close as possible to the
GND and VCC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com