Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6701DF2ML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6701DF2ML
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF2ML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6701DF2ML Datasheet HTML 4Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 5Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 6Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 7Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 8Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 9Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 10Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 11Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8/32
XC6701 Series
SYMBOL
E-0
E-2
E-3
PARAMETER
SETTING
OUTPUT
VOLTAGE (V)
OUTPUT VOLTAGE
(V)
(2% products)
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
6.1
5.978
6.222
190
280
1000
1300
6.2
6.076
6.324
190
280
1000
1300
6.3
6.174
6.426
190
280
1000
1300
6.4
6.272
6.528
190
280
1000
1300
6.5
6.370
6.630
170
230
800
1150
6.6
6.468
6.732
170
230
800
1150
6.7
6.566
6.834
170
230
800
1150
6.8
6.664
6.936
170
230
800
1150
6.9
6.762
7.038
170
230
800
1150
7.0
6.860
7.140
170
230
800
1150
7.1
6.958
7.242
170
230
800
1150
7.2
7.056
7.344
170
230
800
1150
7.3
7.154
7.446
170
230
800
1150
7.4
7.252
7.548
170
230
800
1150
7.5
7.350
7.650
170
230
800
1150
7.6
7.448
7.752
170
230
800
1150
7.7
7.546
7.854
170
230
800
1150
7.8
7.644
7.956
170
230
800
1150
7.9
7.742
8.058
170
230
800
1150
8.0
7.840
8.160
170
230
800
1150
8.1
7.938
8.262
130
190
700
950
8.2
8.036
8.364
130
190
700
950
8.3
8.134
8.466
130
190
700
950
8.4
8.232
8.568
130
190
700
950
8.5
8.330
8.670
130
190
700
950
8.6
8.428
8.772
130
190
700
950
8.7
8.526
8.874
130
190
700
950
8.8
8.624
8.976
130
190
700
950
8.9
8.722
9.078
130
190
700
950
9.0
8.820
9.180
130
190
700
950
9.1
8.918
9.282
130
190
700
950
9.2
9.016
9.384
130
190
700
950
9.3
9.114
9.486
130
190
700
950
9.4
9.212
9.588
130
190
700
950
9.5
9.310
9.690
130
190
700
950
9.6
9.408
9.792
130
190
700
950
9.7
9.506
9.894
130
190
700
950
9.8
9.604
9.996
130
190
700
950
9.9
9.702
10.098
130
190
700
950
10.0
9.800
10.200
130
190
700
950
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com