Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6701DF2ML Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6701DF2ML
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF2ML Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6701DF2ML Datasheet HTML 15Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 16Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 17Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 18Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 19Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 20Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 21Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 22Page - Torex Semiconductor XC6701DF2ML Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19/32
XC6701
Series
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) Input Transient Response (Continued)
(7) Load Transient Response
XC6701B/D C02
10
11
12
13
14
15
16
Time (1ms/div)
11.96
11.98
12.00
12.02
12.04
12.06
12.08
Input Voltage
I
OUT=1mA, tr=tf=5μs
CL=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D C02
10
11
12
13
14
15
16
Time (1ms/div)
11.96
11.98
12.00
12.02
12.04
12.06
12.08
Input Voltage
I
OUT=30mA, tr=tf=5μs
CL=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D J02
16
17
18
19
20
21
22
Time (1ms/div)
17.94
17.97
18.00
18.03
18.06
18.09
18.12
Input Voltage
I
OUT=1mA, tr=tf=5μs
C
L=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D J02
16
17
18
19
20
21
22
Time (1ms/div)
17.94
17.97
18.00
18.03
18.06
18.09
18.12
Input Voltage
I
OUT=30mA, tr=tf=5μs
C
L=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D 332
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Time (1ms/div)
0
30
60
90
120
150
Output Current
VIN=5.3V, tr=tf=5μs
C
IN=CL=1.0μF (ceramic), Ta=25℃
Output Voltage
XC6701B/D 502
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
Time (1ms/div)
0
30
60
90
120
150
Output Current
VIN=7.0V, tr=tf=5μs
CIN=CL=1.0μF (ceramic), Ta=25℃
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com